|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Filter Coils < Pin Type: FB Series> Type: *Y FB-7LDG Product Description *E 8.3A 8.3mm Max.(LA W), 9.5mm Max. Height. *E Operating frequency:250kHz Max. *E In addition to the reference versions of parameters shown here, custom designs are available to meet your exact requirements. *Y Feature *E *E *E *E *Y Variable shielded type. Two capacitors can be internally mounted in one section. Ideally used as Audio Filters(LPF, BPF, Delay Line) RoHS Compliance Dimensions (mm) 3.0 * } 0 .5 1.0*0.2 } +0.1 -0.05 5.5*0.15 } 9.5 MAX. *- 3.0 +1.0 -0.5 5.5*0.15 } 7.8*0.5 } *- Dimension does not include solder used on coil. Pin pitch should be measured at the root of terminal. *Y Testing Circuit Rin @ A B E.V.M. Indicate Level 0.775V=0dB(at1KHz) R in=Rg+R1=3.3k Rout E.V.M. * E C Rout=3.3k Please refer to the sales offices on our website for a representative near you www.sumida.com 7.8*0.5 } 1/1 0.5 O Filter Coils < Pin Type: FB Series> Type: *Y FB-7LDG Specification (part number: 5333-T006) Item Input impedance Output impedance Attenuation Cut Off Frequency Ripple Insertion Loss 1KHz* (R in) (Rout) 15KHz 100KHz (-3dB) 10KHz Specification 3.3k 3.3k 3.0*} 1.0dB MIN.48 dB 15kHz (TYP.) 0.5 dB Within MAX.1.0dB 1KHz Frequency Response (Attenuation 0dB at 1KHz) Please refer to the sales offices on our website for a representative near you www.sumida.com 2/2 |
Price & Availability of FB-7LDG |